Part Number Hot Search : 
DG211DY TL594CD TVAN1602 GR40N60 10C10 10C10 HCNR201 7805A
Product Description
Full Text Search
 

To Download MWDMG00500022H1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green (1480 nm Plus Supervisory)/ 1550 nm Micro-Optic WDM
MWDMG0050 Series
Product Description
Oplink's Micro-Optic Wavelength Division Multiplexer (MWDM) is based on thin-film filter technology and patented athermal platform for optical device. The MWDM device is used to combine (or separate) 1550 nm signals with (or from) a 1480 nm pump signal plus the1510 nm supervisory channel.This device offers very flat and wide passband, low insertion loss, and high isolation which makes it ideal for amplification, telecommunications and WDM network applications. Oplink MWDM devices are Bellcore GR-1221 qualification tested and complied with industry green initiatives such as Rohs and WEEE. All Oplink products are epoxyfree in the optical path.
Performance Specificationns
MWDMG0050 Series Min Typical Max Unit
Features
Pass Channel Wavelength Range 1 Reflection Channel Wavelength Range 2 Insertion Loss * Isolation Passband Ripple Directivity Return Loss Polarization Dependent Loss Polarization Mode Dispersion Maximum Power Handling Fiber Type Operating Temperature Storage Temperature Package Dimensions ** 250 m Bare Fiber 900 m Loose Tube Pass Channel @ 1 Reflect Channel @ 2 Reflect Channel @ 1 Pass Channel @ 2
1465 1540
1515 1575 0.7 0.5
nm nm dB dB
Environmental Green Plan Compliance Wide Operating Wavelength Range Low Insertion Loss High Channel Isolation Ultra Flat Wide Passband Highly Stable & Reliable Epoxy-free Optical Path
12 30 0.30 50 50 0.1 0.05 500 Corning SMF-28 0 to +70 -40 to +85 P1: (o) 5.5 x (L) 34.0 P2: (o) 5.5 x (L) 40.0
dB dB dB dB ps mW C C mm
Applications
Fiberoptic Amplifiers System Monitoring Fiberoptic Instruments Laboratory R&D
Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
R03.20081117
Green (1480nm Plus Supervisory)/ 1550nm Micro-Optic WDM
MWDMG0050 Series
Mechanical Drawing / Package Dimensions (dimension in mm)
P1: 250 m bare fiber
P2: 900 m loose tube
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MWDMG
0
0
5
0
0
0
Wavelength
1500 nm pass = 0050
Fiber Length*
0.5 meter = H 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Package & Fiber Jacket
P1 + 250 m bare fiber = 11 P2 + 900 m loose tube = 22
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
R03.20081117
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MWDMG00500022H1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X